Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

607 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 607
Description  suitable for low power AC switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

607 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  607 Datasheet HTML 1Page - List of Unclassifed Manufacturers 607 Datasheet HTML 2Page - List of Unclassifed Manufacturers 607 Datasheet HTML 3Page - List of Unclassifed Manufacturers 607 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
®
Z0607
2 / 4
YKKJPD-V2.1
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
Symbol
Test condition
Quadrant
Value
Unit
IGT(1)
Ⅰ-Ⅱ-Ⅲ
IV
MAX.
5
7
mA
VGT
VD=12V
RL=30Ω
ALL
MAX.
1.3
V
VGD
VD=VDRM
RL=3.3KΩ Tj=110℃
ALL
MIN.
0.2
V
IH(2)
IT=200mA
MAX.
5
mA
Ⅰ-Ⅲ-Ⅳ
10
IL
IG=1.2IGT
Ⅱ
MAX.
20
mA
dV/dt(2)
VD=67%VDRM
gate open Tj=110℃
MIN.
10
V/μs
(dV/dt)c(2)
(dV/dt)c=0.35A/ms
Tj=110℃
MIN.
1.5
V/μs
STATIC CHARACTERISTICS
Symbol
Test condition
Value
Unit
VTM(2)
ITM=1.1A
tp=380μs
Tj=25℃
MAX.
1.5
V
Vto(2)
Threshold voltage
Tj=110℃
MAX.
0.95
V
Rd (2)
Dynamic resistance
Tj=110℃
MAX.
420
mΩ
Tj=25℃
5
μA
IDRM
IRRM
VDRM =VRRM=600V
Tj=110℃
MAX.
0.1
mA
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of Main Terminal 2 referenced to Main Terminal 1
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-I)
Junction to lead (AC)
60
℃/W
Rth(j-a)
Junction to ambient
150
℃/W
PRODUCT SELECTOR
Part Number
Voltage
Sensitivity
Type
Package
Z0607
600V
5mA
Standard
TO-92



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com