Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT6012CS
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6012CS Datasheet HTML 5Page - Linear Technology LT6012CS Datasheet HTML 6Page - Linear Technology LT6012CS Datasheet HTML 7Page - Linear Technology LT6012CS Datasheet HTML 8Page - Linear Technology LT6012CS Datasheet HTML 9Page - Linear Technology LT6012CS Datasheet HTML 10Page - Linear Technology LT6012CS Datasheet HTML 11Page - Linear Technology LT6012CS Datasheet HTML 12Page - Linear Technology LT6012CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6011/LT6012
9
sn60112 60112fas
TYPICAL PERFOR A CE CHARACTERISTICS
Channel Separation vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
Open-Loop Gain vs Frequency
Gain vs Frequency, AV = 1
Gain and Phase vs Frequency
Gain vs Frequency, AV = –1
FREQUENCY (Hz)
110
40
60
80
100
120
100
1k
10k
100k
1M
6011 G20
20
0
140
160
VS = 5V, 0V
TA = 25°C
FREQUENCY (Hz)
110
40
60
80
100
120
100
1k
10k
100k
1M
6011 G21
20
0
140
160
TA = 25°C
VS = ±15V
VS = 5V, 0V
FREQUENCY (Hz)
0.1
0
80
100
120
140
1
10
100
1k
10k
100k
1M
6011 G22
60
40
20
VS = 5V, 0V
TA = 25°C
–PSRR
+PSRR
FREQUENCY (Hz)
1
1000
0.1
10
100
1
100
1k
10k
100k
1M
6011 G23
0.01
10
VS = 5V, 0V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
20
120
100
80
60
40
–20
0
140
0.01
10
100 1k 10k 100k 1M 10M
6011 G24
–40
0.1
1
VS = 5V, 0V
TA = 25°C
RL = 10k
FREQUENCY (Hz)
–10
50
60
–20
–30
40
10
30
20
0
1k
100k
1M
10M
6011 G25
–40
–80
– 240
–120
–160
–200
–280
10k
PHASE
GAIN
VS = 5V, 0V
TA = 25°C
RL = 10k
FREQUENCY (Hz)
1k
–20
0
5
10
10k
100k
1M
6011 G26
–5
–10
–15
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
FREQUENCY (Hz)
1k
–20
0
5
10
10k
100k
1M
6011 G27
–5
–10
–15
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
Settling Time vs Output Step
SETTLING TIME (
µs)
0
0
2
6
8
10
20
40
50
90
6011 G19
4
10
30
60
70
80
VS = ±15V
AV = –1
0.1%
0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com