Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6012CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT6012CS
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6012CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6012CS Datasheet HTML 7Page - Linear Technology LT6012CS Datasheet HTML 8Page - Linear Technology LT6012CS Datasheet HTML 9Page - Linear Technology LT6012CS Datasheet HTML 10Page - Linear Technology LT6012CS Datasheet HTML 11Page - Linear Technology LT6012CS Datasheet HTML 12Page - Linear Technology LT6012CS Datasheet HTML 13Page - Linear Technology LT6012CS Datasheet HTML 14Page - Linear Technology LT6012CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6011/LT6012
11
sn60112 60112fas
APPLICATIO S I FOR ATIO
where en = 14nV/√Hz , in = 0.1pA/√Hz and RS is the total
impedance at the input, including the source impedance.
Capacitive Loads
The LT6011/LT6012 can drive capacitive loads up to 500pF
in unity gain. The capacitive load driving capability increases
as the amplifier is used in higher gain configurations. A small
series resistance between the output and the load further
increases the amount of capacitance that the amplifier can
drive.
Rail-to-Rail Operation
The LT6011/LT6012 outputs can swing to within millivolts
of either supply rail, but the inputs can not. However, for
most op amp configurations, the inputs need to swing less
than the outputs. Figure 1 shows the basic op amp configu-
rations, lists what happens to the op amp inputs and speci-
fies whether or not the op amp must have rail-to-rail inputs.
Select a rail-to-rail input op amp only when really neces-
sary, because the input precision specifications are usually
inferior.
RG
VREF
NONINVERTING: AV = 1 + RF/RG
INPUTS MOVE BY AS MUCH AS
VIN, BUT THE OUTPUT MOVES
MORE
INPUT MAY NOT HAVE TO BE
RAIL-TO-RAIL
NONINVERTING: AV = 1
INPUTS MOVE BY AS MUCH AS
OUTPUT
INPUT MUST BE RAIL-TO-RAIL
FOR OVERALL CIRCUIT
RAIL-TO-RAIL PERFORMANCE
INVERTING: AV = –RF/RG
OP AMP INPUTS DO NOT MOVE,
BUT ARE FIXED AT DC BIAS
POINT VREF
INPUT DOES NOT HAVE TO BE
RAIL-TO-RAIL
VIN
RF
–
+
VIN
VREF
RF
RG
–
+
VIN
6011 F01
–
+
Figure 1. Some Op Amp Configurations Do Not Require Rail-to-Rail Inputs to Achieve Rail-to-Rail Outputs
SI PLIFIED SCHE ATIC
6011 SS
Q22
Q16
Q3
Q7
Q8
C
B
A
B
A
Q15
V+
V–
Q1
Q2
D2
D1
Q11
Q17
Q21
Q4
Q6
Q5
C2
Q12
D3
D4
D5
Q14
Q20
Q19
Q13
Q18
R3
R4
R6
R5
RC1
R1
500
Ω
R2
500
Ω
C1
C3
+IN
–IN
OUT
Q9
Q10
(One Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com