Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP10 Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # ASP10
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASP10 Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  ASP10 Datasheet HTML 1Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 2Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 3Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 4Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 5Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dimension & Pinout
PRODUCT SPECIFICATION
Electrical Curve
www.pairuigroup.com
Page:4/4
PAIRUI ELECTRONICS
Updated 2019-V1.0-0320
ac-dc converter
7
9
5
1
15.0±0.5
φ0.8
25.0±0.5
48.0±0.5
26.0±0.5
4.0±0.5
View From Pins Side
PRI:
Pins 1-5: AC or DC Input
SEC:
Pin 7: DC Output +V
Pin 9: DC Output 0V
Unit: mm
10
8
6
2
4
0
12
-25 -15 -5
5
15 15 35
55 65 75 85 95
45
Power Derating Curve
Ambient(
℃)
85
115
145
205
235
265
175
Input voltage(Vac)
10
8
6
2
4
0
12
14
Power Derating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com