Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP10 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # ASP10
Description  AC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

ASP10 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  ASP10 Datasheet HTML 1Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 2Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 3Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 4Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 5Page - PAIRUI GROUP INC. ASP10 Datasheet HTML 6Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INPUT
PRODUCT SPECIFICATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
85
120
265
370
Vac
Vdc
Input frequency
Vin=85~265Vac
47
63
Hz
Input current
Full load, Vin=85~265Vac/120~370Vdc
0.4
A
Inrush current
Cold start, Vin=230Vac
25
A
Standby power
No load, rated output voltage
0.1
W
www.pairuigroup.com
Page:2/4
PAIRUI ELECTRONICS
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage accuracy
Rated input voltage, full load
±2
±4
%
Line regulation
Vin from 85~265Vac or 120~370Vdc
±1
%
Load regulation
Vout from min. to max.
±1
%
Dynamic Response(Vout)
50%~100% load, 1A
/us, 1Khz, 50%
duty ratio
110
%
Turn-on delay time
Rated input voltage, full load, cold
start
3
S
Turn-on rise time
Rated input voltage
50
ms
Hold up time
Rated input voltage, full load
5
ms
Overshoot
Rated input voltage, full load
10
%
Undershoot
Rated input voltage, full load
10
%
Ripple
Refer to below note
150
mVp-p
Updated 2019-V1.0-0320
ac-dc converter
NOTE: The
values are measured at 20MHz of bandwidth by using a 12'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25
℃ at rated input voltage and rated load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com