Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT73L03 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT73L03
Description  3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT73L03 Datasheet HTML 17Page - Exar Corporation XRT73L03 Datasheet HTML 18Page - Exar Corporation XRT73L03 Datasheet HTML 19Page - Exar Corporation XRT73L03 Datasheet HTML 20Page - Exar Corporation XRT73L03 Datasheet HTML 21Page - Exar Corporation XRT73L03 Datasheet HTML 22Page - Exar Corporation XRT73L03 Datasheet HTML 23Page - Exar Corporation XRT73L03 Datasheet HTML 24Page - Exar Corporation XRT73L03 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03
PRELIMINARY
REV. P1.0.13
18
ELECTRICAL CHARACTERISTICS (CONTINUED), (TA = 250C, VDD = 3.3V + 5%, UNLESS OTHERWISE SPECIFIED)
Line Side Parameters E3 Application
Transmit Characteristics (see Figure 3)
SYMBOL
PARAMETER
MIN.TYP.MAX
UNITS
Transmit Output Pulse Amplitude
(Measured at Secondary Output of Transformer, see Figure 1)
0.9
1.0
1.1
Vpk
Transmit Output Pulse Amplitude Ratio
0.95
1.00
1.05
Transmit Output Pulse Width
12.5
14.55
16.5
ns
Transmit Output Pulse Width Ratio
0.95
1.00
1.05
Transmit Output Jitter with jitter-free input @ TxClk(n)
0.02
0.05
UIpp
Receive Line Characteristics (See Figure 5)
Receive Sensitivity (Length of cable)
1200
feet
Interference Margin
TBD
dB
Signal Level to Declare Loss of Signal
-35
dB
Signal Level to Clear Loss of Signal
-15
dB
Occurrence of LOS to LOS Declaration Time
10
255
UI
Termination of LOS to LOS Clearance Time
10
255
UI
Intrinsic Jitter (As Measured in the RxClk(n) signal)
TBD
UI
Jitter Transfer Function, -3dB Frequency
TBD
kHz
Jitter Transfer Function, Peak Gain
TBD
dB
Jitter Tolerance @ Jitter Frequency = 100Hz
TBD
UI
Jitter Tolerance @ Jitter Frequency = 1kHz
TBD
UI
Jitter Tolerance @ Jitter Frequency = 10kHz
TBD
UI
Jitter Tolerance @ Jitter Frequency = 800kHz
TBD
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com