Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T25D32ASIPT Datasheet(PDF) 44 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32ASIPT Datasheet(HTML) 44 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32ASIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 42Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 46Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 47Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
44
Figure 7.8b Sector Erase Instruction(QPI Mode)
7.2.4 Block Erase (BE) (D8h) and Half Block Erase (52h)
The Block Erase instruction sets all memory within a specified block (64K-bytes) or half block (32K- bytes)
to the erased state of all 1s (FFh). A Write Enable instruction must be executed before the device will accept
the Block Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the
CS# pin low and shifting the instruction code “D8h” or “52h” followed a 24-bit block address (A23-A0). The
Block Erase instruction sequence is shown in Figure 7.9.
The CS# pin must be driven high after the eighth bit of the last byte has been latched. If this is not done
the Block Erase instruction will not be executed. After CS# is driven high, the self-timed Block Erase
instruction will commence for a time duration of tBE (See AC Characteristics). While the Block Erase cycle is in
progress, the Read Status Register instruction may still be accessed for checking the status of the BUSY bit.
The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished and the device
is ready to accept other instructions again. After the Block Erase cycle has finished the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0. The Block Erase instruction will not be executed if the
addressed page is protected by the Block Protect (TB, SEC, BP2, BP1, and BP0) bits (see Status Register
Memory Protection table).
Figure 7.9a Block Erase Instruction(SPI Mode)
Figure 7.9b Block Erase Instruction(QPI Mode)
7.2.5 Chip Erase (CE) (C7h or 60h)
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com