Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T25D32ASIPT Datasheet(PDF) 37 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32ASIPT Datasheet(HTML) 37 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32ASIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 34Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 35Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 39Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASIPT Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
37
Table 7.5 Command Set (QPI Instructions (1), QPI Mode)
Command Name
BYTE 1
(Instruction)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Clock Number
(0, 1)
(2, 3)
(4, 5)
(6, 7)
(8, 9)
(10, 11)
Write Enable
06h
Write Enable for Volatile
Status Register
50h
Write Disable
04h
Read Status Register-1
05h
(S7-S0)(1)
Write Status Register-1(3)
01h
(S7-S0)(3)
Read Status Register-2
35h
(S15-S8)(1)
Write Status Register-2
31h
(S15-S8)
Read Status Register-3
15h/33h
(S23-S16)(1)
Write Status Register-3
11h
(S23-S16)
Global Block Lock
7Eh
Global Block Unlock
98h
Read Block Lock
3Dh
A23—A16
A15—A8
A7—A0
L7—L0
Individual Block Lock
36h
A23—A16
A15—A8
A7—A0
Individual Block Unlock
39h
A23—A16
A15—A8
A7—A0
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Deep Power-down
B9h
Set Read Parameters
C0h
P7-P0
Release Power down / ID
ABh
Dummy
Dummy
Dummy
(ID7-ID0)(1)
Manufacturer/Device ID
90h
Dummy
Dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID
9Fh
(MF7-MF0)
(ID15-ID8)
(ID7-ID0)
Exit QPI Mode
FFh
Enable Reset
66h
Reset Device
99h
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0(4)
D7-D0(2)
Sector Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
Dummy(5)
D7-D0
Burst Read with Wrap(6)
0Ch
A23-A16
A15-A8
A7-A0
Dummy(5)
D7-D0
Fast Read Quad I/O
EBh
A23-A16
A15-A8
A7-A0
M7-M0(5)
D7-D0
Notes:
1. The Status Register contents and Device ID will repeat continuously until CS# terminates the instruction.
2. At least one byte of data input is required for Page Program, Quad Page Program and Program Security Registers, up to 256 bytes
of data input. If more than 256 bytes of data are sent to the device, the addressing will wrap to the beginning of the page and
overwrite previously sent data.
3. Write Status Register-1 (01h) can also be used to program Status Register-1&2&3, see section 7.1.5.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com