Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD005G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPD005G
Description  Smartec Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPD005G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPD005G Datasheet HTML 1Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 2Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 3Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Version 1.0
SPD series
-3 –
SMARTEC BV, Delpratsingel 26
WWW.SMARTEC.NL
4811 AP Breda, The Netherlands
Tel: +31 76 5205353
Tel: +31 76 5205353
Excitation voltage
The excitation of the sensor can be AC or DC. Specifications are given
with a DC excitation of 5V. In order to avoid electrical breakdown it is
advised not to exceed the maximum values given.
Offset
The offset value is the electrical output voltage (imbalance) of the
pressure sensor when zero pressure is applied. The offset value for the
absolute type is determined by extrapolating the measured values at
two different pressures (atmospheric air and 0.05 Bar). The pressure in
reference chamber is about 25 mTorr (3.33 Pa).
Temperature coefficients
Silicon resistors are very temperature dependent. The overall drift of the
resistors is not of interest to most users (The bridge resistors are
located on the same die). The temperature coefficients of the offset and
span, however, are very important. All the temperature coefficients are
given in percentage of full-scale range (FS) and over a temperature
range of 100
°C.
The maximum value of the temperature coefficient of the span is minus
27%, which means that worst case the span becomes 27% smaller
over the full temperature range of 100
°C. The offset will vary no more
than
±7% of the span over the same temperature range.
Calculation example (please refer to the parameter table above)
Suppose the use of a pressure sensor of type SPD 015G over a
temperature range of 100
°C. The typical full scale span is 140 mV. The
offset (at a fixed temperature) will be between -50 and +50 mV.
Offset
When the static part of the offset has been nulled, the offset can still
vary
±7% of 140 mV (± 9.8 mV), over the temperature range of 100
°C.
Span
The typical full-scale span is 140 mV and the typical temperature
coefficient of the span equals –22 %FS/100
°C.
Typically, you would therefore have a span, which varies between 140
mV and 109 mV (140 mV minus 22%), over the full temperature range
of 100
°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com