Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD005G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SPD005G
Description  Smartec Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPD005G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SPD005G Datasheet HTML 1Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 2Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 3Page - List of Unclassifed Manufacturers SPD005G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications
Version 1.0
SPD series
-4 –
SMARTEC BV, Delpratsingel 26
WWW.SMARTEC.NL
4811 AP Breda, The Netherlands
Tel: +31 76 5205353
Tel: +31 76 5205353
In the worst case scenario the minimum value of the span is 100 mV,
which means that the sensor has a span of 100 mV, whichcould drop
to 63mV (100 minus 27%) over the full temperature range of 100
°C.
Linearity
The linearity is defined as the maximum deviation from the best fitted
straight line.
Outline drawings and dimensions.
Other encapsulations on request.
Ordering information
Part no.
Pressure range
SPD005G
0 – 0.35 Bar (Gauge)
SPD015G
0 – 1.0 Bar
-
SPD030G
0 – 2.0 Bar
-
SPD100G
0 – 6.5 Bar
-
SPD015A
0 – 1.0 Bar (Absolute)
Connection diagram
(Top View)
pressure port (
∅
∅ 0.8)
1
2
3
12
14
vent hole
∅
∅ 0.8
6
5
4
2.54(2x)
R=1
2.8
6.8
0.5C-
∅
∅ 3
8
4
All sizes in mm.
Wetted materials: glass, ryton, silicon, fluorosilicon
and gold
4 out
+
5 exc
1 out
-
2 exc
0.5
2.54
3.5
Gauge type sensor
Absolute type sensor
0.25
0.15±0.1
11±0.5
0.8±0.2
Atmospheric
Pressure inlet
@bottom
7
7
1
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com