Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32CSFG Datasheet(PDF) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q32CSFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q32CSFG Datasheet(HTML) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q32CSFG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32CSFG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q32C
75
Add Transient Input/Output Volatge (note:overshoot):-2.0 to
(VCC+2.0)V
Modify ORDERING INFORMATION
Add Valid Part Numbers
Update WOSN8(6*5mm)
Update USON8(3*3mm)
Update USON8(3*4mm)
P46
P52
P53
P57
P60
P61
2.8
Modify ORDERING INFORMATION
Modify Package TFBGA-24BALL (6*4 ball array)
Modify Package TFBGA-24BALL (5*5 ball array)
P52
P58
P59
2017-2-20
2.9
Modify ORDERING INFORMATION
Update Package WOSN8 6*5mm
Update Package USON8 3*3mm
Update Package USON8 3*4mm
P52
P57
P60
P61
2017-3-8
3.0
Update Package USON8 3*3mm Dimensions
Update Package USON8 3*4mm Dimensions
P60
P61
2017-5-16
3.1
Modify ORDERING INFORMATION
P52
2017-5-27
3.2
Typo
P5
2017-6-2
3.3
Modify ORDERING INFORMATION : Add Packing Type of
“T or No
mark: Tube”
Delete tRST_E and tRST_R
Add tRST, max = 30us
P52
P50
P50
2017-9-12
3.4
Modify the note of the description of the WSON and USON
packages
P57, 60, 61
2017-10-17
3.5
Modify Icc4~Icc8 from 20mA to 25mA
Modify Icc9 from 400~800uA to 0.6~1.2mA
Update the descriptions of all packages
P48
P48
P54-62
2017-12-18
3.6
De
lete “RESET#” pin in the connection diagram of TFBGA
packages, which is a typing error
P5
2018-2-28
3.7
Add tRS in DC CHARACTERISTIC, of which the min. value is
100us
P50
2018-3-15
3.8
Add 4BH Command
Modify tVSL min value from 5ms to 1.8ms
Modify Figure 37 Program Security Registers command Sequence
Diagram
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
P4,14,39
P49
P42
P53/57
P54/P59
P62-64
2018-7-23
3.9
Modify tSE max value from 200/300ms to 300ms@-40℃~85℃
Modify tBE1 max value from 0.8/1.6s to 1.6s@-40℃~85℃
Modify tBE2 max value from 1.2/2.0s to 2.0s@-40℃~85℃
Modify the description of USON8 3x4mm
P56
P56
P56
P70
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com