Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA4040QWS/D Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AA4040QWS/D
Description  4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA4040QWS/D Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA4040QWS/D Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAL0882 / 1201006293 Rev No: V.5B Date: 04/24/2018
Page 4 / 5
AA4040QWS/D
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
HANDLING PRECAUTIONS
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is
more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone
encapsulated LED products. Failure to comply might lead to damage and premature failure of the LED.
2. Do not directly touch or handle the silicone lens
surface. It may damage the internal circuitry.
1. Handle the component along the side surfaces
by using forceps or appropriate tools.
3. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of lead frame. Special
care should be taken if an LED with silicone encapsulation is to be used near such substances.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com