Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA4040QWS/D Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AA4040QWS/D
Description  4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA4040QWS/D Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA4040QWS/D Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA4040QWS/D Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAL0882 / 1201006293 Rev No: V.5B Date: 04/24/2018
Page 1 / 5
DESCRIPTIONS
The source color devices are made with InGaN
Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Single color
Suitable for all SMD assembly and solder process
Available on tape and reel
Ideal for backlighting
Package: 500 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AA4040QWS/D
■ White (InGaN)
Yellow Fluorescent
300
600
120°
Lens Type
AA4040QWS/D
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AA4040QWS/D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040QWS KINGBRIGHT-AA4040QWS Datasheet
273Kb / 7P
Suitable for all SMD assembly and solder process
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results

Similar Description - AA4040QWS/D

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA4040QBS-D TO-GRACE-AA4040QBS-D Datasheet
916Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040QBS-D TO-GRACE-KA-4040QBS-D Datasheet
953Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SURCKT TO-GRACE-KA-4040SURCKT Datasheet
886Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LSYCKTJ3-AMT KINGBRIGHT-AA4040LSYCKTJ3-AMT Datasheet
546Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
AA4040R3G2CTR-10MAT KINGBRIGHT-AA4040R3G2CTR-10MAT Datasheet
565Kb / 6P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2A Date: 03/22/2023
AA4040SURCKT-AMT KINGBRIGHT-AA4040SURCKT-AMT Datasheet
545Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2A Date: 03/27/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com