Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3602AS Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3602AS
Description  5V/2A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3602AS Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3602AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3602AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3602AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM3602AS
5V2A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM3602AS 是一款高性能的恒压、恒流离线式低功率交直流转换控制器。
RM3602AS 采用原边感应和调节电路,因此可以省去光耦和 TL431。
RM3602AS 在恒流(CC)工作模式下,电流和输出功率都是通过 CS 脚外接 RS 电阻来调节;在恒压
(CV)工作模式下,多种模式操作实现高性能和高效率,除此之外,可通过内置线补功能实现高负载
调整率。器件工作在恒流重载条件下采用脉冲频率调制(PFM),工作在恒流轻/中载条件下采用脉冲宽
度调制(PWM)并伴随频率的降低。
RM3602AS 集成多种功能和保护特性,包括逐周期电流限制、VDD 过压保护(OVP)、反馈回路保护、
短路保护(OLP)、VDD 过压钳位(UVLO)、过温保护(OTP)、前沿消隐、自动恢复等功能。
RM3602AS 采用 SOP-7 封装。
系统规格:
5V/2A
输入电压
85Vac-265Vac
输出功率
10W
功率管
650V/2A
效率
≥80%
恒压精度
≤±3%
待机功耗
<75mW
恒流精度
≤±3%
变压器
EE16
典型应用:
图 1
系统应用原理图


Similar Part No. - RM3602AS

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM36W4P-1003 WINCHESTER-RM36W4P-1003 Datasheet
96Kb / 1P
36W4P D-SUB CONNECTOR WITH BREAKEWTS
RM36W4P-50-TD WINCHESTER-RM36W4P-50-TD Datasheet
80Kb / 1P
36W4P D-SUB CONNECTOR
RM36W4P-50-ZB WINCHESTER-RM36W4P-50-ZB Datasheet
82Kb / 1P
D-SUB HOUSING LAYOUT
RM36W4S-1001 WINCHESTER-RM36W4S-1001 Datasheet
173Kb / 1P
36W4P D-SUB CONNECTOR
RM36W4S-1014 WINCHESTER-RM36W4S-1014 Datasheet
93Kb / 1P
D-SUB MIXED LAYOUT 36W4S
More results

Similar Description - RM3602AS

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM6224D REACTOR-RM6224D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6305D REACTOR-RM6305D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6311S REACTOR-RM6311S Datasheet
261Kb / 3P
5V/1.5A power adapter application
RM6314D REACTOR-RM6314D Datasheet
279Kb / 3P
12V/1.5A power adapter application
RM6301T REACTOR-RM6301T Datasheet
219Kb / 3P
5V3A power adapter application
RM6301T REACTOR-RM6301T_1 Datasheet
217Kb / 3P
12V2A power adapter application
RM6334D REACTOR-RM6334D Datasheet
456Kb / 3P
12V1.5A power adapter application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com