Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3602AS Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3602AS
Description  5V/2A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3602AS Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3602AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3602AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3602AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3602AS
5V2A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
DIP
2
贴片电阻
2.2MΩ, 0.125W ±5%,
1
R1
SMD0805
3
贴片电阻
1.5MΩ, 0.125W ±5%,
1
R2
SMD0805
4
贴片电阻
200KΩ 0.125W ±5%,
2
R3 R3A
SMD0805
5
贴片电阻
47Ω, 0.25W ±5%,
1
R4
SMD1206
6
贴片电阻
1KV, 0.125W ±5%,
1
R5
SMD0805
7
贴片电阻
2.2Ω, 0.125W ±5%,
1
R6
SMD0805
8
贴片电阻
1.8Ω, 0. 25W ±5%,
2
R9
SMD1206
9
贴片电阻
1.2Ω, 0. 25W ±5%,
2
R10
SMD1206
10
贴片电阻
4.3KΩ, 0.125W ±5%,
2
R8
SMD0805
11
贴片电阻
10Ω, 0.25W ±5%
1
R11
SMD1206
12
贴片电阻
1.5KΩ, 0.125W ±1%
1
R14
SMD0805
13
贴片电阻
20Ω 0.125W ±1%
1
R12
SMD0805
14
贴片电阻
200KΩ 0.125W ±5%,
1
RT
SMD0805
15
贴片电阻
30Ω, 0.125W ±5%
1
RT1
SMD0805
16
电解电容
15μF,400V,±10%,
1
C1
DIPΦ10*17mm
17
电解电容
6.8μF,50V,±10%,
1
C2
DIPΦ10*17mm
18
贴片电容
1nf,±10%
1
C3
DIP
19
电解电容
10μF,50V,±10%
1
C4
DIPΦ5*11mm
20
电解电容
1000μF,10V,±10%,
2
C6 C7
DIPΦ8*12mm
21
贴片电容
1nF,50V,±10%
1
C9
SMD0805
22
贴片电容
0.1μF,50V,±10%
1
C10
SMD1206
23
Y 电容
2.2nF, 400V,±20%,
1
CY1
DIP
24
输出二极管
SR540,5A,40V
1
D3
DIP
25
贴片二极管
RS1M,1A,1KV
2
D5
DO-214AC
26
贴片二极管
A7,0.5A,1KV
1
D6
SMD
27
整流桥
MB6F,1A,600V
1
BD1
SOP-4
28
差模电感
1mH,±10%
1
L1
DIPΦ7*8
29
棒形电感
2.4μH,±10%
1
L3
3*15mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com