Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CSIG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CSIG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
39
7.27. High Performance Mode (HPM) (A3H)
The High Performance Mode (HPM) command must be executed prior to Dual or Quad I/O commands when operating
at high frequencies (see fR and fC1 in AC Electrical Characteristics). This command allows pre-charging of internal
charge pumps so the voltages required for accessing the flash memory array are readily available. The command
sequence: CS# goes lowSending A3H command Sending 3-dummy byteCS# goes high. After the HPM
command is executed, the device will maintain a slightly higher standby current (Icc9) than standard SPI operation. The
Release from Power-Down or HPM command (ABH) can be used to return to standard SPI standby current (Icc1). In
addition, Power-Down command (B9H) will also release the device from HPM mode back to standard SPI standby state.
Figure 32. High Performance Mode Sequence Diagram
Command
0
1
2
3
4
5
6
7
A3H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
3 Dummy Bytes
23 22
SO
High Performance Mode
HPM
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com