Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q64CSIG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q64CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q64CSIG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q64CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q64CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q64C
55
8.6.
AC CHARACTERISTICS
(T= -40
℃~85℃, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Dual I/O (BBH), Quad I/O
(EBH), Quad Output (6BH) (Dual I/O & Quad I/O Without
High Performance Mode), on 3.0V-3.6V power supply
104
MHz
fC1
Serial Clock Frequency For: Dual I/O (BBH), Quad I/O
(EBH), Quad Output (6BH) (Dual I/O & Quad I/O Without
High Performance Mode), on 2.7V-3.0V power supply
80
MHz
fC2
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O
(EBH), Quad Output (6BH) (Dual I/O & Quad I/O With High
Performance Mode), on 2.7V-3.6V power supply
120
MHz
fC3
Serial Clock Frequency For: Fast Read (0BH) (with/without
High Performance Mode), on 2.7V-3.6V power supply
120
MHz
fR
Serial Clock Frequency For: Read(03H), Read Status
Register (05H, 15H, 35H) Read Device ID (ABH, 90H,
92H, 94H, 9FH)
80
MHz
tCLH
Serial Clock High Time
3.5
ns
tCLL
Serial Clock Low Time
3.5
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
HOLD# Low Setup Time (relative to Clock)
5
ns
tHHCH
HOLD# High Setup Time (relative to Clock)
5
ns
tCHHL
HOLD# High Hold Time (relative to Clock)
5
ns
tCHHH
HOLD# Low Hold Time (relative to Clock)
5
ns
tHLQZ
HOLD# Low To High-Z Output
6
ns
tHHQX
HOLD# High To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com