Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CFJS Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CFJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CFJS Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CFJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
17
IO0=(x,x,x,x
, D4, D0,…)
IO1=(x,x,x,x, D5, D1
,…)
IO2=(x,x,x,x, D6, D2
,…)
IO3=(x,x,x,x, D7, D3
,…)
6. Fast Word Read Quad I/O Data
IO0=(x,
x, D4, D0,…)
IO1=(x,
x, D5, D1,…)
IO2=(x,
x, D6, D2,…)
IO3=(x,
x, D7, D3,…)
7. Fast Word Read Quad I/O Data: the lowest address bit must be 0.
8. Security Registers Address:
Security Register1: A23-A16=00H, A15-A10=000100b, A9-A0=Byte Address;
Security Register2: A23-A16=00H, A15-A10=001000b, A9-A0=Byte Address;
Security Register3: A23-A16=00H, A15-A10=001100b, A9-A0=Byte Address.
9. Dummy bits and Wrap Bits
IO0=(x,x, x,x, x,x, W4,x)
IO1=(x,x, x,x, x,x, W5, x)
IO2=(x,x, x,x, x,x, W6, x)
IO3=(x,x, x,x, x,x, x, x)
10.Address, Continuous Read Mode bits, Dummy bits, Manufacture ID and Device ID
IO0=(A20, A16, A12, A8, A4, A0, M4, M0, x,x, x,x, MID4, MID0, DID4, DID0,
…)
IO1=(A21, A17, A13, A9, A5, A1, M5, M1, x,x, x,x, MID5, MID1, DID5, DID1,
…)
IO2=(A22, A18, A14, A10, A6, A2, M6, M2,x,x, x,x, MID6, MID2, DID6, DID2,
…)
IO3=(A23, A19, A15, A11, A7, A3, M7, M3, x,x, x,x, MID7, MID3, DID7, DID3,
…)
Table 7.2. Table of ID Definitions for GD25Q127C
Operation Code
MID7-MID0
ID15-ID8
ID7-ID0
9FH
C8
40
18
90H/92H/94H
C8
17
ABH
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com