Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CFJS Datasheet(PDF) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CFJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CFJS Datasheet(HTML) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CFJS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CFJS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
69
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q127CSEG
128Mbit
SOP8 208mil
GD25Q127CSES
GD25Q127CVEG
128Mbit
VSOP8 208mil
GD25Q127CVES
GD25Q127CPEG
128Mbit
DIP8 300mil
GD25Q127CPES
GD25Q127CFEG
128Mbit
SOP16 300mil
GD25Q127CFES
GD25Q127CWEG
128Mbit
WSON8 (6x5mm)
GD25Q127CWES
GD25Q127CYEG
128Mbit
WSON8 (8x6mm)
GD25Q127CYES
GD25Q127CZEG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q127CZES
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q127CSFG
128Mbit
SOP8 208mil
GD25Q127CSFS
GD25Q127CVFG
128Mbit
VSOP8 208mil
GD25Q127CVFS
GD25Q127CPFG
128Mbit
DIP8 300mil
GD25Q127CPFS
GD25Q127CFFG
128Mbit
SOP16 300mil
GD25Q127CFFS
GD25Q127CWFG
128Mbit
WSON8 (6x5mm)
GD25Q127CWFS
GD25Q127CYFG
128Mbit
WSON8 (8x6mm)
GD25Q127CYFS
GD25Q127CZFG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q127CZFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com