Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM106IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM106IDT
Description  Dual Operational Amplifier and Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM106IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSM106IDT Datasheet HTML 1Page - STMicroelectronics TSM106IDT Datasheet HTML 2Page - STMicroelectronics TSM106IDT Datasheet HTML 3Page - STMicroelectronics TSM106IDT Datasheet HTML 4Page - STMicroelectronics TSM106IDT Datasheet HTML 5Page - STMicroelectronics TSM106IDT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM106
Electrical Characteristics
4/6
VOH
High Level Output Voltage
VCC
+ = 30V
Tamb = 25°C, RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
27
27
28
V
VOL
Low Level Output Voltage
RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
520
20
mV
THD
Total Harmonic Distortion
f = 1kHz
AV = 20dB,RL = 2k, VCC = 30V
CL = 100pF, Vo = 2Vpp
0.02
%
Table 5: Electrical characteristics for voltage reference
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vref
Reference Input Voltage
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
0.822
0.83V
0.838
V
Regline
Reference Input Voltage over Vcc range
Vicm = 3.7V to 30V Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
3
6
10
mV
Regload
Reference Input Voltage over Ioutref current
Ioutref = 1mA to 10mA Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
10
20
25
mV
∆V
ref
Reference Input Voltage Deviation Over Temperature
Range
Tmin. ≤ Tamb ≤ Tmax.
7
30
mV
Table 4: Electrical characteristics for operator 1 (op-amp with non-inverting input connected to
the internal Vref): VCC+ = +5V, VCC- = Ground, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com