Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM106IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM106IDT
Description  Dual Operational Amplifier and Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM106IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSM106IDT Datasheet HTML 1Page - STMicroelectronics TSM106IDT Datasheet HTML 2Page - STMicroelectronics TSM106IDT Datasheet HTML 3Page - STMicroelectronics TSM106IDT Datasheet HTML 4Page - STMicroelectronics TSM106IDT Datasheet HTML 5Page - STMicroelectronics TSM106IDT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2004
Revision 1
1/6
Operational Amplifier:
s
Low input offset voltage: 1mV typ.
s
Medium bandwidth (unity gain): 0.9MHz
s
Large output voltage swing: 0V to
(VCC - 1.5V)
s
Input common mode voltage range
includes ground
s
Wide power supply range: 4 to 32V
±2 TO ±16V
s
1.5kV ESD protection (HBM)
Voltage Reference:
s
Fixed output voltage reference 0.83V
s
±1% Voltage precision
DESCRIPTION
The TSM106 is a monolithic IC that includes one
independent op-amp and another op-amp for
which the non-inverting input is wired to a 0.83V
fixed voltage reference. This device offers both
space and cost savings in many applications such
as power supply management or data acquisition
systems.
PIN CONNECTIONS (top view)
ORDER CODES
D
SO-8
(Plastic Micropackage)
Ve-
Out1
Gnd
Ve-
Ve+
Vref
0.8V
Out2
Vcc
1
2
3
45
6
7
8
Part Number
Temperature Range
Package
Packaging
Marking
TSM106ID
-40°C, +105°C
SO
Tube
M106
TSM106IDT
SO
Tape & Reel
TSM106
Dual Operational Amplifier and
Voltage Reference


Similar Part No. - TSM106IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM100 STMICROELECTRONICS-TSM100 Datasheet
55Kb / 5P
SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
Jul-2001
logo
StarHope
TSM100 SPSEMI-TSM100 Datasheet
826Kb / 2P
Surface Mount Devices
logo
STMicroelectronics
TSM100I STMICROELECTRONICS-TSM100I Datasheet
55Kb / 5P
SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
Jul-2001
TSM100ID STMICROELECTRONICS-TSM100ID Datasheet
55Kb / 5P
SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
Jul-2001
logo
Taiwan Semiconductor Co...
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
More results

Similar Description - TSM106IDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com