Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3245QSR Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74FST3245QSR
Description  8-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3245QSR Datasheet(HTML) 7 Page - ON Semiconductor

  74FST3245QSR Datasheet HTML 1Page - ON Semiconductor 74FST3245QSR Datasheet HTML 2Page - ON Semiconductor 74FST3245QSR Datasheet HTML 3Page - ON Semiconductor 74FST3245QSR Datasheet HTML 4Page - ON Semiconductor 74FST3245QSR Datasheet HTML 5Page - ON Semiconductor 74FST3245QSR Datasheet HTML 6Page - ON Semiconductor 74FST3245QSR Datasheet HTML 7Page - ON Semiconductor 74FST3245QSR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74FST3245
http://onsemi.com
7
PACKAGE DIMENSIONS
QSOP–20
QS SUFFIX
CASE 492A–01
ISSUE O
MIN
MILLIMETERS
G
R
–B–
–A–
L
M
0.25 (0.010)
T
U
–T–
SEATING
PLANE
K
D
20 PL
C
M
0.25 (0.010)
T BA
S
S
V
N
M
F
8 PL
DETAIL E
DETAIL E
H x 45
_
RAD.
MOLD PIN
DIM
MAX
MIN
MAX
INCHES
A
8.56
8.74
0.337
0.344
B
3.81
3.99
0.150
0.157
C
1.55
1.73
0.061
0.068
D
0.20
0.31
0.008
0.012
F
0.41
0.89
0.016
0.035
G
0.64 BSC
0.025 BSC
H
0.20
0.46
0.008
0.018
J
0.249
0.191
0.0098 0.0075
K
0.10
0.25
0.004
0.010
L
5.84
6.20
0.230
0.244
M
0
8
0
8
N
0
7
0
7
P
1.32
1.58
0.052
0.062
Q
0.89 DIA
0.035 DIA
R
0.89
1.14
0.035
0.045
U
0.89
1.14
0.035
0.045
V
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. THE BOTTOM PACKAGE SHALL BE BIGGER THAN
THE TOP PACKAGE BY 4 MILS (NOTE: LEAD SIDE
ONLY). BOTTOM PACKAGE DIMENSION SHALL
FOLLOW THE DIMENSION STATED IN THIS
DRAWING.
4. PLASTIC DIMENSIONS DOES NOT INCLUDE MOLD
FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 6 MILS PER
SIDE.
5. BOTTOM EJECTOR PIN WILL INCLUDE THE
COUNTRY OF ORIGIN (COO) AND MOLD CAVITY I.D.
__
_
_
0
8
0
__
_
8
_
__
__
MARK
Q
P
0.013 X 0.005
DP. MAX
RAD.
0.005–0.010
TYP
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com