Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3245QSR Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3245QSR
Description  8-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3245QSR Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3245QSR Datasheet HTML 1Page - ON Semiconductor 74FST3245QSR Datasheet HTML 2Page - ON Semiconductor 74FST3245QSR Datasheet HTML 3Page - ON Semiconductor 74FST3245QSR Datasheet HTML 4Page - ON Semiconductor 74FST3245QSR Datasheet HTML 5Page - ON Semiconductor 74FST3245QSR Datasheet HTML 6Page - ON Semiconductor 74FST3245QSR Datasheet HTML 7Page - ON Semiconductor 74FST3245QSR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
August, 2001 – Rev. 0
1
Publication Order Number:
74FST3245/D
74FST3245
8-Bit Bus Switch
The ON Semiconductor 74FST3245 is an 8–bit, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of an 8–bit switch. Port A is connected to Port B
when OE is low. If OE is high, the switch is high Z.
R
ON
t 4 W Typical
Less Than 0.25 ns–Max Delay Through Switch
Nearly Zero Standby Current
No Circuit Bounce
Control Inputs are TTL/CMOS Compatible
Pin–For–Pin Compatible with QS3245, FST3245, CBT3245
All Popular Packages: QSOP–20, TSSOP–20, SOIC–20
NC
A2
A5
A4
A3
A1
A0
VCC
B1
B4
B3
B2
B0
OE
1
2
3
4
5
6
7
20
19
18
17
16
15
14
Figure 1. 20–Lead Pinout
A6
8
A7
9
GND
10
B5
13
B6
12
B7
11
L
H
Input OE
Function
Connect
Disconnect
TRUTH TABLE
2
19
9
18
11
OE
Figure 2. Logic Diagram
A0
A7
B0
B7
Description
PIN NAMES
OE1, OE2
1A, 2A
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
74FST3245DW
SO–20
38 Units/Rail
74FST3245DWR2
SO–20
74FST3245DT
TSSOP–20
1000 Units/Reel
75 Units/Rail
74FST3245DTR2
TSSOP–20
2500 Units/Reel
74FST3245QS
QSOP–20
55 Units/Rail
74FST3245QSR
QSOP–20
2500 Units/Reel
TSSOP–20
DT SUFFIX
CASE 948E
SO–20
DW SUFFIX
CASE 751D
20
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B
Bus B
20
1
1
FST3245
AWLYYWW
1
20
20
1
FST
3245
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
QSOP–20
QS SUFFIX
CASE 492A
1
20
FST3245
AWLYWW
20
1


Similar Part No. - 74FST3245QSR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245QSR ONSEMI-74FST3245QSR Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
More results

Similar Description - 74FST3245QSR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com