Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGU-30C Datasheet(PDF) 7 Page - PAIRUI GROUP INC.

Part # LGU-30C
Description  LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-30C Datasheet(HTML) 7 Page - PAIRUI GROUP INC.

  LGU-30C Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRODUCT SPECIFICATION
led power supplies
Mechanical
www.pairuigroup.com
Page:6/7
PAIRUI ELECTRONICS
No Dimming
0-10V Dimming
2- 5.5
φ
183
172
193
600±20
300±20
168
SJTW(18AWG*3C)
2-φ5.0
SJTW(18AWG*2C)
FG (Green)
AC/L(Black)
AC/N(White)
V+(Red)
V-(Black)
34.5
Unit: mm
2- 5.5
φ
183
172
193
600±20
300±20
168
SJTW(18AWG*3C)
2-φ5.0
SJTW(18AWG*2C)
FG (Green)
AC/L(Black)
AC/N(White)
V+(Red)
V-(Black)
34.5
Unit: mm
10V(Yellow)
DIM+(Purple)
DIM-(Gray)
Updated 2019-V1.1-0311



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com