Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGU-30C Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LGU-30C
Description  LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-30C Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LGU-30C Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical
NOTE:
1. Other output models are may available on request;
2. Add suffix “D” for 0-10V dimming.
PRODUCT SPECIFICATION
led power supplies
Part Number
Nominal
Input Range
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Efficiency
Certificate
High Ripple
LGU30-C350-K1
100-277Vac
350mA(60-86Vdc)
94Vdc
50%
88%
CE
LGU30-C450-K1
450mA(47-67Vdc)
74Vdc
50%
87%
CE
100-277Vac
LGU30-C700-K1
700mA(30-43Vdc)
48Vdc
50%
87%
CE
100-277Vac
100-277Vac
LGU30-C1050-K1
1050mA(20-29Vdc)
33Vdc
50%
86%
CE
Low Ripple
LGU30-C350R-K1
100-277Vac
350mA(60-86Vdc)
94Vdc
5%
88%
CE
LGU30-C450R-K1
450mA(47-67Vdc)
74Vdc
5%
87%
CE
100-277Vac
LGU30-C700R-K1
700mA(30-43Vdc)
48Vdc
5%
87%
CE
100-277Vac
100-277Vac
LGU30-C1050R-K1
1050mA(20-29Vdc)
33Vdc
5%
86%
CE
www.pairuigroup.com
Page:2/7
PAIRUI ELECTRONICS
Updated 2019-V1.1-0311



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com