Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4021 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4021
Description  Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4021 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4021 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4021 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
12.极限工作条件
◇电源电压
VDD ------- -0.3V to 4.5 V
◇信号输出端电压
SOL -------- -0.3 to 4.5V
◇信号输入端电压
SI --------
−0.3V to 4.5V
◇接收线圈端电压
VCHG -------- -0.3V to 20V
◇信号输出端电压
SOH ------- −0.3V to 4.5V
◇存放温度范围
------- −55℃ to 150℃
◇
ESD保护(HBM人体模式) ---------------- ±2KV
13.电气参数
如果没有特别说明,下列性能的测试条件为
VIN = 3.7V, TA = 25°C
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
输入电压
-
-
5.5
V
IQ
静态电流
省电模式
-
6
10
uA
Ipd
过放电后消耗电流
1
uA
VUVLOF
过放检测阈值
VIN下降
3.12
3.18
3.24
V
VUVLOR
过放恢复阈值
VIN上升
3.4
3.5
V
VRE
自动恢复阀值
自动恢复时对应
VDD到CM端电压
1.3
1.7
2.4
V
VRSTB
低压复位阈值
VIN下降
-
2.1
-
V
Rdson
CM端开关内阻
I=0.5A@25CV
210
MΩ
涓流充电开关导通电
阻
Vchg=4.5,
VDD=2.7V
-
8
-
Ω
Rchg
恒流充电开关导通电
阻
Vchg=4.5,
VDD=3.6V
-
1
-
Ω
Fosc
内部时钟频率
@-40~150C
22
33
44
KHZ
Vref
内部参考基准
-
1.25
-
V
Iocp(注1)
放电过流保护阀值
持续时间大于
8MS
2.0
2.4
2.7
A
HM4021
无线充电接收
+锂电保护芯片



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com