Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE20CSIG Datasheet(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE20CSIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE20CSIG Datasheet(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE20CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE20C
46
Erase)
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tW
Write Status Register Cycle Time
5
40
ms
tBP1
Byte Program Time (First Byte)
30
50
μs
tBP2
Additional Byte Program Time (After First Byte)
2.5
12
μs
tPP
Page Programming Time
0.7
3.0
ms
tSE
Sector Erase Time (4K Bytes)
45
150/300(1)
ms
tBE1
Block Erase Time (32K Bytes)
0.15
0.3/0.7(2)
s
tBE2
Block Erase Time (64K Bytes)
0.25
1.2
s
tCE
Chip Erase Time (GD25VE20C)
1.25
4
s
Note:
1. Max Value 4KB tSE with<50K cycles is 150ms and >50K & <100k cycles is 300ms.
2. Max Value 32KB tBE with<50K cycles is 0.3s and >50K & <100k cycles is 0.7s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com