Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VE20CSIG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE20CSIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE20CSIG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE20CSIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE20C
55
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-2-22
1.1
Modify SFDP
P41
2017-6-26
1.2
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
Modify tBE2 max. value from 1s to 1.2s
Modify tCE max. value from 3.25s to 4s
P44
P46
P46
P46
2017-8-8
1.3
Modify the description of the SOP8 and USON8 packages
Add Packing Type: T or no mark: Tube
Modify Icc2 max value from 1uA to 4uA
Delete tRST_P and tRST_R
Add tRST, of which the max value is 30us
P50, 51,53, 54
P48
P44
P46
P46
2017-12-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com