Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VQ32C Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ32C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ32C Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ32C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ32C
49
8.6. AC CHARACTERISTICS
(T= -40
℃~85℃, VCC=2.3~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Dual I/O(BBH),
Quad I/O(EBH), Quad Output(6BH) (Dual I/O & Quad I/O
Without High Performance Mode), on 3.0V-3.6V power supply
80
MHz
fC1
Serial Clock Frequency For: Dual I/O(BBH),
Quad I/O(EBH), Quad Output(6BH) (Dual I/O & Quad I/O
Without High Performance Mode), on 2.7V-3.0V power supply
80
MHz
fC2
Serial Clock Frequency For: Dual I/O(BBH),
Quad I/O(EBH), Quad Output(6BH) (Dual I/O & Quad I/O
Without High Performance Mode), on 2.3V-2.7V power supply
30
MHz
fC3
Serial Clock Frequency For: Dual I/O(BBH),
Quad I/O(EBH), Quad Output(6BH) (Dual I/O & Quad I/O
With High Performance Mode), on 2.3V-3.6V power supply
104
MHz
fR
Serial Clock Frequency For: Read(03H)
60
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
HOLD# Low Setup Time (relative to Clock)
5
ns
tHHCH
HOLD# High Setup Time (relative to Clock)
5
ns
tCHHL
HOLD# High Hold Time (relative to Clock)
5
ns
tCHHH
HOLD# Low Hold Time (relative to Clock)
5
ns
tHLQZ
HOLD# Low To High-Z Output
6
ns
tHHQX
HOLD# High To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com