Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25VQ32C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ32C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ32C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ32C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ32C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ32C
63
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-5-20
1.1
Modify Features: Full voltage range:2.1~3.6V Change to 2.3~3.6V
Delete DATA RETENTION AND ENDURANCE
Delete Output Short Circuit Current:200mA
Modify Deep Power-Down Current :0.1~1uA to 1~5uA
Add Valid Part Numbers
Modify Package Package TFBGA-24BALL (6*4 ball array)
Modify Package Package TFBGA-24BALL (5*5 ball array)
Modify Package USON8(4*3mm) Change to USON8(3*4mm)
P4
P46
P46
P48
P53
P57
P58
P60
2017-5-10
1.2
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
P48
P50
2017-8-9
1.3
Modify VWI form 1.9-2.1V to 1.5-2.3V
Modify VCC from “-0.6 to 4.0” to “-0.6 to 4.2”
P46
P46
2017-8-31
1.4
Figure 36. Program Security Registers command Sequence Diagram
Modify tVSL from 5ms to 1.8ms
Modify VWI max value from 2.3V to 2.2V
Modify tSE max value from 200/300ms to 300ms
Modify tBE1 max value from 0.8/1.6s to 1.6s
Modify tBE2 max value from 1.2/2.0s to 2.0s
Update Ordering Information
Update the description of all packages
P36
P46
P46
P50
P50
P50
P52-53
P54-62
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com