Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD20C Datasheet(PDF) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD20C Datasheet(HTML) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD20C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
31
8.6. AC CHARACTERISTICS
(T= -40℃~85℃, VCC=1.65~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC1
Serial Clock Frequency For: Fast read (0BH), on 3.0
– 3.6V
power supply
100
MHz
fC2
Serial Clock Frequency For: Fast read (0BH), on 2.1
– 3.0V
power supply
70
MHz
fC3
Serial Clock Frequency For: Fast read (0BH), on 1.65
– 2.1V
power supply
50
MHz
fR1
Serial Clock Frequency For: Read (03H), Dual Output (3BH), on
3.0
– 3.6V power supply
80
MHz
fR2
Serial Clock Frequency For: Read (03H), Dual Output (3BH), on
2.1
– 3.0V power supply
60
MHz
fR3
Serial Clock Frequency For: Read (03H), Dual Output (3BH), on
1.65
– 2.1V power supply
40
MHz
tCLH1
Serial Clock High Time for 2.1
– 3.6V Power Supply
4
ns
tCLH2
Serial Clock High Time for 1.65
– 2.1V Power Supply
8
ns
tCLL1
Serial Clock Low Time for 2.1
– 3.6V Power Supply
4
ns
tCLL2
Serial Clock Low Time for 1.65
– 2.1V Power Supply
8
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
10
ns
tCHSH
CS# Active Hold Time
10
ns
tSHCH
CS# Not Active Setup Time
10
ns
tCHSL
CS# Not Active Hold Time
10
ns
tSHSL
CS# High Time (Read/Write)
40
ns
tSHQZ
Output Disable Time
12
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
4
ns
tCHDX
Data In Hold Time
4
ns
tCLQV
Clock Low To Output Valid
12
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
0.1
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
0.1
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
0.1
μs
tW
Write Status Register Cycle Time
5
40
ms
tBP1
Byte Program Time (First Byte)
40
97
μs
tBP2
Addition Byte Program Time (After First Byte)
5
10
μs
tPP
Page Programming Time
1.6
6
ms
tSE
Sector Erase Time
150
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com