Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25WD20C Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD20C Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD20C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
39
Temperature Range E: Industrial (-40℃ to +125℃)
Product Number
Density
Package Type
GD25WD40CTEG
4Mbit
SOP8 150mil
GD25WD20CTEG
2Mbit
GD25WD40CSEG
4Mbit
SOP8 208mil
GD25WD20CSEG
2Mbit
GD25WD40COEG
4Mbit
TSSOP8 173mil
GD25WD20COEG
2Mbit
GD25WD40CPEG
4Mbit
DIP8 300mil
GD25WD20CPEG
2Mbit
GD25WD40CKEG
4Mbit
USON8 (1.5x1.5mm)
GD25WD20CKEG
2Mbit
GD25WD40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD20CEEG
2Mbit
GD25WD40CLEGR
4Mbit
WLCSP
Temperature Range F: Industrial+ (-40℃ to +85℃)
Product Number
Density
Package Type
GD25WD40CTFG
4Mbit
SOP8 150mil
GD25WD20CTFG
2Mbit
GD25WD40CSFG
4Mbit
SOP8 208mil
GD25WD20CSFG
2Mbit
GD25WD40COFG
4Mbit
TSSOP8 173mil
GD25WD20COFG
2Mbit
GD25WD40CPFG
4Mbit
DIP8 300mil
GD25WD20CPFG
2Mbit
GD25WD40CKFG
4Mbit
USON8 (1.5x1.5mm)
GD25WD20CKFG
2Mbit
GD25WD40CEFG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD20CEFG
2Mbit
GD25WD40CLFGR
4Mbit
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com