Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG5HT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG5HT
Description  Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG5HT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG5HT Datasheet HTML 1Page - Vishay Siliconix UG5HT Datasheet HTML 2Page - Vishay Siliconix UG5HT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UG5JT, UGF5JT, UGB5JT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88764
www.vishay.com
02-Jul-02
1
New Product
Ultrafast Rectifiers
Reverse Voltage 500 to 600V
Forward Current 5.0A
Reverse Recovery Time 25ns
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Mounting Pad Layout TO-263AB
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
12
PIN
DIA.
DIA.
PIN 1
PIN 2
0.676 (17.2)
0.646 (16.4)
ITO-220AC (UGF5 Series)
TO-220AC (UG5 Series)
Dimensions in inches
and (millimeters)
TO-263AB (UGB5 Series)
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
PIN 1
PIN 2
CASE
0.370 (9.40)
0.360 (9.14)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for freewheeling diode and power factor
correction applications
• Soft recovery characteristics
• Excellent high temperature switching
• Optimized to reduce switching losses
• Glass passivated chip junction
Mechanical Data
Case: JEDEC TO-220AC, ITO-220AC & TO-263AB
molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering in accordance with CECC
802 / Reflow guaranteed
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g


Similar Part No. - UG5HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG5HT VISHAY-UG5HT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UG5HT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
ULTRAFAST RECTIFIERS
MUR640AX SMC-MUR640AX Datasheet
155Kb / 4P
ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
Ultrafast Rectifiers
logo
New Jersey Semi-Conduct...
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
ULTRAFAST RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com