Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG5HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG5HT
Description  Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG5HT Datasheet(HTML) 3 Page - Vishay Siliconix

  UG5HT Datasheet HTML 1Page - Vishay Siliconix UG5HT Datasheet HTML 2Page - Vishay Siliconix UG5HT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20
40
60
80
0
100
1
100
10
Number of Cycles at 60 HZ
0
6
7
8
5
3
4
1
2
25
0
50
75
100
125
150
175
Case Temperature (
°C)
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 -- Typical Reverse Characteristics
0.5
1
2
1.5
2.5
Fig. 4 --Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
10
100
1000
10000
1
TJ = 125
°C
Reverse Voltage (V)
1
10
100
100
10
1
0.1
1
10
100
0.01
TJ = 100
°C
UGF5
TJ = 25°C
f = 1.0MHZ
Vsig = 50 mvp-p
0
160
180
140
100
120
60
40
20
80
25
50
75
100
125
150
Fig. 6 -- Reverse Switching
Characteristics
Tj -- Junction Temperature (
°C)
Qrr
trr
IF = 5.0A
Vr = 30V
Fig. 2 -- Maximum Non-Repetitive Peak
Forward Surge Current
Fig. 5 -- Typical Junction Capacitance
240A/
µs
240A/
µs
60A/
µs
50A/
µs
60A/
µs
di/dt =
TJ = 25
°C
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
Fig. 1 -- Forward Current
Derating Curve
UG5, UGB5
UG5JT, UGF5JT, UGB5JT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88764
www.vishay.com
02-Jul-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com