Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4313 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4313
Description  CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER FOR ADAPTORS AND BATTERY CHARGERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4313 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4313 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
Value
Unit
Vcc
DC Supply Voltage
14
V
Vi
Input Voltage
-0.3 to Vcc
V
Top
Operating Free Air Temperature Range
-10 to 85
oC
Tj
Maximum Junction Temperature
150
oC
OPERATION CONDITIONS
Symbol
Parameter
Value
Unit
Vcc
DC Supply Conditions
2.5 to 12
V
ELECTRICAL CHARACTERISTICS
Tamb = 25°C and Vcc = +5V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current – not taking the
output sinking current into account
Tamb
-10°C < Tamb < 85°C
1.1
1.2
mA
Voltage Control Loop
Gmv
Transconduction Gain (Vctrl). Sink
Current Only 1)
Tamb
-10°C < Tamb < 85°C
1
3.5
2.5
mA/mV
Vref
Voltage Control Loop Reference 2)
Tamb
-10°C < Tamb < 85°C
1.198
1.186
1.21
1.222
1.234
V
Iibv
Input Bias Current (Vctrl)
Tamb
-10°C < Tamb < 85°C
50
100
nA
Current Control Loop
Gmi
Transconduction Gain (Ictrl). Sink
Current Only 3)
Tamb
-10°C < Tamb < 85°C
1.5
7
mA/mV
Vsense
Current Control Loop Reference 4)
Iout = 2.5 mA Tamb
-10°C < Tamb < 85°C
196
192
200
204
208
mV
Iibi
Current out of pin Ictrl at -200mV
Tamb
-10°C < Tamb < 85°C
30
40
μ
A
Output Stage
Vol
Low output voltage at 10 mA sinking
current
Tamb
-10°C < Tamb < 85°C
200
mV
Ios
Output Short Circuit Current. Output to
Vcc. Sink Current Only
Tamb
-10°C < Tamb < 85°C
27
35
70
mA
Vo
Output Voltage
Vcc= 12V
11
V
1. If the voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input (Vref=1.210V), and it is
increased by 1mV, the sinking current at the output OUT will be increased by 3.5mA.
2. The internal Voltage Reference is set at 1.210V (bandgap reference). The voltage control loop precision takes into account
the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the trans-conductance
operational amplifier. The internal Voltage Reference is fixed by bandgap, and trimmed to 0.5% accuracy at room temperature.
3. When the positive input at Ictrl is lower than -200mV, and the voltage is decreased by 1mV, the sinking current at the output
OUT will be increased by 7mA.
4. The internal current sense threshold is set to -200mV. The current control loop precision takes into account the cumulative
effects of the internal voltage reference deviation as well as the input offset voltage of the trans-conduction operational
amplifier.
HM4313
CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER
FOR ADAPTORS AND BATTERY CHARGERS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com