Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4313 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4313
Description  CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER FOR ADAPTORS AND BATTERY CHARGERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4313 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4313 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25°C and Vcc = +5V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current – not taking the
output sinking current into account
1.1
2
mA
Voltage Control Loop
Gmv
Transconduction Gain (Vctrl). Sink
Current Only
1
3.5
mA/mV
Vref
Voltage Control Loop Reference
1.198
1.21
1.222
V
Iibv
Input Bias Current (Vctrl)
50
nA
Current Control Loop
Gmi
Transconduction Gain (Ictrl). Sink
Current Only 3)
1.5
7
mA/mV
Vsense
Current Control Loop Reference 4)
Iout = 2.5 mA
196
200
204
mV
Iibi
Current out of pin Ictrl at -200mV
30
μ
A
Output Stage
Vol
Low output voltage at 10 mA sinking
current
200
mV
Ios
Output Short Circuit Current. Output to
Vcc. Sink Current Only
27
60
mA
Vo
Output Voltage
Vcc= 12V
11.1
V
TYPICAL APPLICATION CIRCUIT
Typical adaptor or battery charger application using the device
In the above application schematic, the device is used on the secondary side of a flyback adaptor (or battery
charger) to provide an accurate control of voltage and current. The above feedback loop is made with an
optocoupler.
HM4313
CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER
FOR ADAPTORS AND BATTERY CHARGERS
HM4313



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com