Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH72012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DH72012
Description  TUNING VARACTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH72012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DH72012 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1-32
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
Description
This series of silicon tuning varactors have an epitaxial mesa design with a high temperature
passivation. This technology is used to produce abrupt tuning varactor in SOT23 package. This family
is designed for a low cost medium to high volume market that may be supplied in tape and reel
for automated pick and place assembly on surface mount circuit boards.
Applications
The DH71000 series abrupt tuning varactor are offered in a large selection of capacitance range.
They provide the highest Q factor (low reverse series resistance) available for a 30 volts silicon device.
Typical applications include low noise narrow and moderate frequency bandwidth applications
(VCO mainly) from HF to Microwave frequencies (up to 3 GHz). Other applications are voltage tuned
filters, phase shifters, delay line, etc.
NOTE: Variation of the junction capacitance versus reverse voltage follows this equation:
Cj (Vr)
Cj (0 V)
1 + Vr
φ
Vr :
Reverse voltage
φ : Built-in potential .7V for Si
γ : .5 for abrupt tuning varactor
TUNING VARACTOR
Plastic package Surface Mount Silicon abrupt tuning varactor
[ ]
SOT23 SURFACE MOUNT SILICON ABRUPT
TUNING VARACTOR
γ
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com