Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH72012 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DH72012
Description  TUNING VARACTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DH72012 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DH72012 Datasheet HTML 1Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 2Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 3Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 4Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 5Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 6Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 7Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 8Page - List of Unclassifed Manufacturers DH72012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1-36
SALES OFFICES: VISIT OUR WEB SITE AT
http://www.temex.net
PLASTIC PACKAGE, SURFACE MOUNT HYPERABRUPT
TUNING VARACTOR
Description
This series of silicon tuning varactors consists of hyperabrupt epitaxial devices. They incorporate
a passivated mesa technology.This family is designed for a low cost medium to high volume market that
may be supplied in tape and reel for automated pick and place assembly on surface mount circuit boards.
Application
The DH76000 and DH77000 series hyperabrupt tuning varactor are offered in a large selection of
capacitance range. They provide the highest Q factor (low reverse series resistance). Typical
applications include low noise narrow and moderate frequency bandwidth applications (VCO mainly)
from HF to Microwave frequencies (up to 3 GHz). Other applications are voltage tuned filters, phase
shifters, delay lines...
20 Volt hyperabrupt junction varactors
Characteristics @ Ta=+25° C
Temperature ranges:
Reverse breakdown voltage, Vb = 20 V min. @ 10 µA
Operating junction (Tj) : -55° C to +125° C
Reverse Current, Ir = 200 nA @ 16 V
Storage : -55° C to +150° C
Total capacitance (pF)
Tuning
Ct
ratio
Test
f = 1 MHz
f = 1 MHz
f=1 MHz
f = 1 MHz
Ct1V/Ct12V
Ct1V/Ct20V
conditions
Vr = 1 V
Vr = 4 V
Vr = 12 V
Vr = 20 V
f = 1 MHz
f = 1 MHz
Type
typ
±20 %
typ.
typ.
typ.
typ.
DH76010
2.5
1.2
0.6
0.5
4.1
4.9
DH76015
3.6
1.7
0.8
0.7
4.4
5.4
DH76022
5.2
2.4
1.1
0.9
4.7
5.8
DH76033
8.0
3.5
1.6
1.3
4.9
6.1
DH76047
11.0
4.9
2.2
1.7
5.0
6.4
DH76068
16.0
7.0
3.1
2.4
5.1
6.5
DH76100
23.0
10.0
4.5
3.5
5.2
6.7
DH76150
35.0
15.0
6.6
5.1
5.2
6.8
12 Volt hyperabrupt junction varactors
Characteristics @ Ta=+25° C
Temperature ranges:
Reverse breakdown voltage, Vb = 12 V min. @ 10 µA
Operating junction (Tj) : -55° C to +125° C
Reverse Current, Ir = 200 nA @ 8 V
Storage : -55° C to +150° C
Total capacitance (pF)
Tuning
Ct
ratio
Test
f = 1 MHz
f = 1 MHz
f=1 MHz
Ct1V/Ct2.5V
Ct1V/Ct4V
conditions
Vr = 1 V
Vr = 2.5 V
Vr = 4 V
f = 1 MHz
f = 1 MHz
Type
typ
±20 %
typ.
typ.
typ.
DH77033
6.0
3.5
1.9
1.7
3.1
DH77047
8.5
4.9
2.7
1.7
3.2
DH77068
12.0
7.0
3.8
1.7
3.2
DH77100
18.0
10.0
5.5
1.7
3.2
DH77150
27.0
15.0
8.1
1.8
3.3
TUNING VARACTOR
Plastic package, Surface Mount hyperabrupt tuning varactor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com