Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3256AS Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3256AS
Description  5V1A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3256AS Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3256AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM3256AS
5V1A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM3256AS 是一款高精度的恒压、恒流原边反馈 AC/DC 转换控制器。
RM3256AS 在全电压范围内可实现低于 75mW 的系统待机功耗,满足六级能效要求。
RM3256AS 集成 800V 功率 BJT,适用于高性能、外部原件精简的充电器,因为芯片工作在原边检测和
控制模式,所以不需要光耦和 TL431。
RM3256AS 运用了准谐振(QR)的驱动技术可改善功率管耐压和 EMI,并提高系统转换效率。
RM3256AS 采用 SOP-7 封装。
系统规格:
5V/1A
输入电压
85Vac-265Vac
输出功率
5W
功率管
800V/1.2A
效率
≥73.6%
恒压精度
≤±3%
待机功耗
<75mW
恒流精度
≤±3%
变压器
EPC13
典型应用:
图 1
系统应用原理图
HV
HV
GND
CS
FB
VCC
DB1
+
+
Vo+
Vo-
1
3
4
8
2
6
5
N
L
T1
F1
C1
C2
+
L1
R1
C4
D1
R5
R3
R4
R6
R9
D2
C3
R2
R7
C5
+
C7
C6
R8
CPC
U1
D3
CY1


Similar Part No. - RM3256AS

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
More results

Similar Description - RM3256AS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC308 FUMAN-SC308 Datasheet
1Mb / 6P
Charger charger IC
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM3257D REACTOR-RM3257D Datasheet
467Kb / 3P
12V/1A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
RM3272S REACTOR-RM3272S Datasheet
261Kb / 3P
5V/1.5A charger application
RM5001AS REACTOR-RM5001AS Datasheet
265Kb / 3P
18W Fast Charger Application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
MAX17702EVKITA MAXIM-MAX17702EVKITA Datasheet
1Mb / 15P
MAX17702 in 13.8V Lead-Acid Battery Charger Application
Rev 0; 4/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com