Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3256AS Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3256AS
Description  5V1A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3256AS Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3256AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3256AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3256AS
5V1A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1.0A
1
F1
Φ3*10mm
2
贴片电阻
200KΩ,0.25W,±5%
1
R1
SMD1206
3
贴片电阻
1.1Ω,0.25W,±5%
1
R2
SMD1206
4
贴片电阻
1MΩ,0.125W,±5%
1
R3
SMD0805
5
贴片电阻
2.2MΩ,0.125W,±5%
1
R4
SMD0805
6
贴片电阻
180Ω,0.125W,±5%
1
R5
SMD0805
7
贴片电阻
10KΩ,0.125W,±1%
1
R6
SMD0805
8
贴片电阻
6.8KΩ,0.125W,±1%
1
R7
SMD0805
9
贴片电阻
2.2KΩ,0.125W,±5%
1
R8
SMD0805
10
贴片电阻
2.2Ω,0.1W,±5%
1
R9
SMD0603
11
电解电容
4.7μF,400V,±10%
1
C1
Φ8*12mm
12
电解电容
6.8μF,400V,±10%
1
C2
Φ8*13mm
13
电解电容
10μF,50V,±10%
1
C3
Φ5*10mm
14
贴片电容
1nF,1KV,±10%
1
C4
SMD1206
15
贴片电容
100nF,25V,±10%
1
C5
SMD0805
16
电解电容
470μF,6.3V,±10%
1
C6
Φ6*7mm
17
电解电容
470μF,10V,±10%
1
C7
Φ6*12mm
18
Y 电容
1nF,400V,±20%
1
CY1
Pin:10mm DIP
19
二极管
M7,1A,1KV
1
D1
DO-214
20
二极管
A7,1A,1KV
1
D2
SOD-123
21
肖特基二极管
B340,3A,40V
1
D3
DO-214
22
整流桥
MB6F,1A,600V
1
DB1
SOP-4
23
差模电感
1mH,±10%
1
L1
Φ3*8mm
24
IC
RM3256AS
1
U1
SOP-7
25
变压器
EPC13,卧式 4+2
1
T1
26
PCB
35.6mm*26.5mm*1.2mm
1
PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com