Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5821 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5821
Description  3A switch charging, 2.4A synchronous boost mobile power supply dedicated management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5821 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5821 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REV: 1.5
2 / 7
典型应用电路
元件推荐值
位号
封装
推荐规格
说明
C1
0805
6.3V,22uf,±20% 电容容量越大输出纹波越低,推荐用 2 个 22uf 并联
C2
0603
6.3V,4.7uf,±20% 推荐值 4.7uf-10uf
C3
0603
6.3V,4.7uf,±20% 推荐值 4.7uf-10uf
C4
0603
6.3V,4.7uf,±20% 推荐值 1uf-4.7uf
C5
0603
6.3V,220pf,±20% 补偿电容,推荐值 100pf-220pf
LED1-4
0603
高亮蓝光
可在
VBUS 到 LED 中间串电阻调节亮度,推荐 1KΩ
FB1
0603
120R,100M
磁珠用于过滤
PGND 噪声干扰
Rfb
0603
0Ω,±1%
输出反馈电阻,
0Ω时默认为 5V,输出可以通过增加该电阻
值调高,推荐不宜超过
15K
Rsense
1206
10mΩ,±1%
采样电阻
R3
0603
47kΩ,±1%
可 以 通 过调 这 个 电 阻 改 变 小电 流 关 机 的 电 流 值, 推 荐 在
10K-50k 之间调节
RT1
0603
5.1kΩ,±1%
根据不同的保护温度范围来调节
RT1,RT2,RTH 的值,推
荐值保护范围是
-20℃至 60℃
RT2
0603
12kΩ,±1%
RTH
SIP
NTC3435,10K,±5%
L1
CD75
2.2uh
推荐
1uH-3.3uH 电感量,直流内阻为 5-10mΩ的电感,直流内
阻越小效率越高
HM58XX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com