Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5821 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5821
Description  3A switch charging, 2.4A synchronous boost mobile power supply dedicated management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5821 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5821 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5821 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REV: 1.5
3 / 7
引脚图及说明
封装形式
序号
引脚名称
引脚说明
1
LIGHT
照明
WLED 驱动
2
COMP
环路补偿引脚
3
TEMP
电池温度侦测引脚
4
VBAT
电池正极引脚
5
VCH
电流采样引脚
6
AGND
芯片模拟信号地
7
PGND
芯片功率地
8
SW
外部电感连接端
9
VBUS
芯片输入/输出引脚
10
FB
输出电压反馈引脚
11
VCC
芯片电源引脚
12
EN
按键信号输入引脚
13
LED1
电量显示
LED 的控制引脚 1
14
LED2
电量显示
LED 的控制引脚 2
15
LED3
电量显示
LED 的控制引脚 3
16
LED4
电量显示
LED 的控制引脚 4
17
POWER PAD
芯片地
HM58
XX 系列型号说明
型号
封装
充电电流
5V 升压输出电流能力(VBAT=3.3V-4.2V)
HM5812
SOP16
1.0A
1.2A~1.8A
HM5815
SOP16
1.5A
1.5A~2.1A
HM5821
ESOP16/ETSSOP16
2.5A
2.1A~3A
HM5824
ESOP16/ETSSOP16
3.0A
2.4A~3.3A
HM58
XX 工作原理
HM58XX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com