Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6208 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6208
Description  Motor drive series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6208 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6208 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
电特性参数表
(如无特别说明,VCC=12V, TA=25℃)
参 数
测试条件
最小值
典型值
最大值
单位
IQ
静态电流
VAIN =0, VBIN =0
-
0.1
2.0
uA
IVCC 工作电流
(1)
VAIN =5V 或 VBIN=5V
空载
-
22
-
mA
IIN
输入电流
VAIN=5V,VBIN=5V
-
500
700
uA
VO(sat) 输出饱和压降
(2)
IOUT=100mA
-
1.0
1.2
V
IOUT 持续输出电流
0.2
-
-
A
IMax 输出电流峰值
VCC=12V
-
-
0.5
A
注:(1)、工作电流即为空载时电路内部消耗的电流,工作电流越大则电路内部本身消耗的功耗越大,功耗
计算公式为:PD= IVCC×VCC;
(2)、输出饱和压降为电源电压减去电机两端的电压,即 VO(sat)=VCC-VM(电机两端电压),饱和压降越大
则电路内部本身消耗的功耗越大,功耗计算公式为:PD=IOUT×VO(sat)
典型参数特性曲线
饱和压降VS输出电流
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
50
100
150
200
250
300
输出电流Io(mA)
工作电流VS工作电压
18
19
20
21
22
23
24
6
8
10
12
14
16
18
工作电压VCC(V)
典型应用电路图
特别注意事项:电源 VCC 端到地端需就近接 10uF 或以上电容,确保 VCC 端电源稳定,避免电源端出现超
过电路极限电压的过冲导致电路失效。
M
AIN????
BIN????
VCC
GND
???
1
2
4
5
6
7
8
BOUT
AOUT
3
10uF
马达驱动器系列
HM6208



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com