Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7002DM Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7002DM
Description  Small Signal MOSFET 115 mAmps, 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7002DM Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7002DM Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Reel Dimensions
Metric Dimensions Govern –– English are in parentheses for reference only
EMBOSSED TAPE AND REEL DATA
FOR DISCRETES
A
T Max
Outside Dimension
Measured at Edge
G
Inside Dimension
Measured Near Hub
20.2mm Min
(.795’’)
1.5mm Min
(.06’’)
13.0mm ± 0.5mm
(.512 ±.002’’)
50mm Min
(1.969’’)
Full Radius
Size
A Max
G
T Max
8 mm
178.0mm
(7.0’’)
8.4mm+1.5mm, -0.0
(.33’’+.039’’, -0.00)
10.9mm
(.43’’)
Storage Conditions
Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred)
Humidity: 30 to 80 RH (40 to 60 is preferred )
Recommended Period: One year after manufacturing
(This recommended period is for the soldering condition only. The
characteristics and reliabilities of the products are not restricted to
this limitation)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com