Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7002DM Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7002DM
Description  Small Signal MOSFET 115 mAmps, 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7002DM Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7002DM Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
0
1.0 2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VDS,DRAIN SOURCE VOLTAGE (VOLTS)
Figure 1. Ohmic Region
1.0
0.8
0.6
0.4
0.2
10
0
1.0 2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VGS, GATE SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
1.2
1.05
1.1
1.10
1.0
0.95
0.9
0.85
0.8
0.75
0.7
-60
-20
+20
+60
+100
+140
-60
-20
+20
+60
+100
+140
T, TEMPERATURE (°C)
Figure 3. Temperature versus Static
Drain–Source On–Resistance
T, TEMPERATURE (°C)
Figure 4. Temperature versus Gate
Threshold Voltage
TA= 25°C
VGS= 10 V
9 V
8 V
7 V
6 V
4 V
3 V
5 V
VDS= 10 V
-55°C
25°C
125°C
VGS= 10 V
ID= 200 mA
VDS= VGS
ID= 1.0 mA
Rev .O 3/4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com