Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AD87-RU0XX Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-AD87-RU0XX
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AD87-RU0XX Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-AD87-RU0XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Part Numbering System
Notes:
1. Derate linearly as shown in figure 3 and figure 7.
2. Duty factor 10%, frequency 1KHz.
3. Duty factor 30%, frequency 1Khz.
4. 1.59 mm (0.06 inch) below body.
Absolute Maximum Rating at TA = 25oC
Parameters
Blue and Green
Red
Unit
DC forward current [1]
30
50
mA
Peak pulsed forward current
100 [2]
100 [3]
mA
Average forward current
30
30
mA
Power dissipation
120
140
mW
LED junction temperature
110
130
oC
Operating temperature range
-40 to +85
-40 to +100
oC
Storage temperature range
-40 to +100
-40 to +120
oC
Wave soldering temperature [4]
250 for 3 seconds
oC
Mechanical Option
00: Bulk
DD: Ammo Pack
ZZ: Flexi-Bin, Ammo pack
Color Bin Options
0: Full color bin distribution
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B: Blue 470nm
M: Green 525nm
D: Red 630nm
Package
A: 5mm Mini Oval
H L M P
-
-8x
x
x x xx
xx



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com