Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AD87-RU0XX Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-AD87-RU0XX
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AD87-RU0XX Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-AD87-RU0XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Notes:
1. The reverse voltage of blue and green is equivalent to the forward voltage of the protective chip at IR = 10 µA.
The reverse voltage of red is equivalent to the forward voltage of the protective chip at IR = 100µA.
2. For AlInGaP Red, the thermal resistance applied to LED junction to cathode lead. For InGaN Blue and Green, the thermal resistance applied to LED
junction to anode lead.
3. The dominant wavelength
λd is derived from the Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for each color bin limit is ±0.5 nm
5. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/
ηv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Electrical/Optical Characteristics TA = 25oC
Parameters
Symbol
Value
Units
Test Condition
Min.
Typ.
Max.
Forward voltage
Red
Green
Blue
VF
2.20
3.60
3.50
2.40
4.00
4.00
VIF = 20 mA
Reverse Voltage [1]
Red
Green
Blue
VR
5.0
5.0
5.0
V
IR = 100
µA
IR = 10
µA
IR = 10
µA
Thermal resistance [2]
R
θ
J-PIN
240
oC/W
Dominant wavelength [3,4]
Red
Green
Blue
λ
d
622
520
460
630
525
470
634
540
480
nm
IF = 20 mA
Peak wavelength
Red
Green
Blue
λ
PEAK
639
516
464
nm
Peak of wavelength of spectral
distribution at IF = 20 mA
Spectral half width
Red
Green
Blue
∆λ
1/2
17
32
23
nm
Wavelength width at spectral
distribution power point at IF =
20 mA
Luminous Efficacy [5]
Red
Green
Blue
ηv
155
484
74
lm/W
Emitted luminous
power/Emitted radiant power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com