Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7613BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7613BBCZ
Description  LVDS Display Bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7613BBCZ Datasheet HTML 1Page - Analog Devices ADV7613BBCZ Datasheet HTML 2Page - Analog Devices ADV7613BBCZ Datasheet HTML 3Page - Analog Devices ADV7613BBCZ Datasheet HTML 4Page - Analog Devices ADV7613BBCZ Datasheet HTML 5Page - Analog Devices ADV7613BBCZ Datasheet HTML 6Page - Analog Devices ADV7613BBCZ Datasheet HTML 7Page - Analog Devices ADV7613BBCZ Datasheet HTML 8Page - Analog Devices ADV7613BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Low Power HDMI to LVDS Display Bridge
Data Sheet
ADV7613
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-input HDMI receiver with dual channel LVDS
transmitter outputs
HDMI receiver support
148.5 MHz maximum TMDS clock frequency
High-bandwidth Digital Content Protection (HDCP) 1.4
support with internal HDCP keys
Adaptive HDMI equalizer
5 V detect and hot plug assert for HDMI port
Extended colorimetry, including sYCC601, Adobe RGB,
Adobe YCC 601, xvYCC extended gamut color
LVDS transmitters
Dual channel 24-bit OpenLDI interface
Supports 6-bit and 8-bit nonbalanced OpenLDI or 8-bit
video electronics standards association (VESA) formats
Audio support including high bit rate (HBR) and Direct
Stream Digital (DSD)
S/PDIF (IEC 60958-compatible) digital audio support
Dedicated, flexible audio output port
Dolby® TrueHD DTS-HD Master Audio™
General
Internal EDID RAM
Integrated consumer electronics control (CEC) controller
Standard identification (STDI) circuit
Any to any, 3 × 3 color space conversion (CSC) matrix
100-ball, 9 mm × 9 mm CSP_BGA package
Qualified for automotive applications
APPLICATIONS
Projectors
Automotive infotainment headunits
Automotive infotainment displays
Digital signage
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
REFERENCE
CLOCK
HDMI
DDC
AUDIO
OUTPUT
INT
LVDS Tx
OpenLDI
ENCODER
COMPONENT
PROCESSOR
AUDIO
PACKET
PROCESSOR
AUDIO
INTERFACE
HDMI
PROCESSOR
HDCP
KEYS
EDID
CONTROL
CABLE
EQUALIZER
DIGITAL
CLOCK
SYNTHESIS
PACKET
INFOFRAME
MEMORY
HOST I/F
CONFIGURATION
AND CONTROL
LVDS Tx
DUAL
LVDS Tx
OUTPUT
I2C SLAVE
RESET


Similar Part No. - ADV7613BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7613BBCZ AD-ADV7613BBCZ Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
ADV7613BBCZ-RL AD-ADV7613BBCZ-RL Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
More results

Similar Description - ADV7613BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
logo
List of Unclassifed Man...
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
logo
Texas Instruments
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
logo
AAEON Technology
EPIC-KBS7 AAEON-EPIC-KBS7 Datasheet
478Kb / 2P
Basic VGA/HDMI/LVDS Display
logo
Analog Devices
ADV7613 AD-ADV7613_17 Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
logo
NXP Semiconductors
PTN3460 NXP-PTN3460 Datasheet
417Kb / 32P
eDP to LVDS bridge IC
Rev. 4-12 March 2014
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83_V01 Datasheet
2Mb / 49P
SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84_V01 Datasheet
2Mb / 50P
SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com