Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7613BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7613BBCZ
Description  LVDS Display Bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7613BBCZ Datasheet HTML 5Page - Analog Devices ADV7613BBCZ Datasheet HTML 6Page - Analog Devices ADV7613BBCZ Datasheet HTML 7Page - Analog Devices ADV7613BBCZ Datasheet HTML 8Page - Analog Devices ADV7613BBCZ Datasheet HTML 9Page - Analog Devices ADV7613BBCZ Datasheet HTML 10Page - Analog Devices ADV7613BBCZ Datasheet HTML 11Page - Analog Devices ADV7613BBCZ Datasheet HTML 12Page - Analog Devices ADV7613BBCZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADV7613
Rev. C | Page 13 of 13
OUTLINE DIMENSIONS
Figure 7. 100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7613BBCZ
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7613BBCZ-RL
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7613WBBCZ
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7613WBBCZ-RL
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7613WBBCZ-P
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7613WBBCZ-P-RL
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
EVAL-ADV7613FEBZ
Evaluation Board
AUTOMOTIVE PRODUCTS
The ADV7613W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
9.10
9.00 SQ
8.90
7.20
BSC SQ
0.50
0.45
0.40
*COMPLIANT TO JEDEC STANDARDS MO-275-DDAB-1
WITH THE EXCEPTION OF THE PACKAGE HEIGHT
COPLANARITY
0.12
0.26
REF
A
B
C
D
E
F
G
H
J
K
7
6
3
2
1
5
4
BALL DIAMETER
0.80
BSC
0.90
REF
DETAIL A
A1 BALL
CORNER
A1 BALL
CORNER
DETAIL A
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
*1.400
1.253
1.173
0.975
0.910
0.845
0.383
0.343
0.303
8
9
10
©2015–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13676-0-9/18(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com