Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-817B13AMC-CWC-T2 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S-817B13AMC-CWC-T2
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B13AMC-CWC-T2 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-817B13AMC-CWC-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 17Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 18Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 19Page - Seiko Instruments Inc S-817B13AMC-CWC-T2 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 Series
Rev.3.0_00
Seiko Instruments Inc.
16
The following graphs show the examples of input-output voltage characteristics (Ta
=25°C, typ.) in the
output current boosting circuit:
1. 1 S-817A11ANB/S-817B11AMC
1. 2 S-817A50ANB/S-817B50AMC
Tr1 : 2SA1213Y, R1 : 1 k
Ω, CL : 10 µF,
R2 : 2
Ω
Tr1 : 2SA1213Y, R1 : 200
Ω, CL : 10 µF,
R2 : 10
Ω
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
VIN (V)
800 mA
600 mA
400 mA
200 mA
10 mA
50 mA
100 mA
1 mA
4.60
4.70
4.80
4.90
5.00
5.10
5.20
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
VIN (V)
100 mA
50 mA
10 mA
5 mA
800 mA
600 mA
400 mA
200 mA
2. Constant Current Circuit
2. 1 Constant Current Circuit
GND
RL
VOUT
VIN
VIN
V0
VO
IO
CIN
VSS
S-817
Series
Device
Figure 15
2. 2 Constant Current Boosting Circuit
IO
R1
GND
RL
VOUT
VIN
V0
CIN
VSS
S-817
Tr1
VO
Series
Device
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com